PART |
Description |
Maker |
BD438 ON0195 BD442 BD440 |
RH Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 05V; Power: 1W; Safety standards and approval: EN POWER TRANSISTORS PNP SILICON From old datasheet system 4.0 AMPERES POWER TRANSISTORS Plastic Medium Power Silicon PNP Transistor
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
2SB1011 |
Power Device - Power Transistors - General-Purpose power amplification Silicon PNP Transistor Silicon PNP triple diffusion planar type
|
Panasonic Corporation
|
MJE2955T |
Silicon NPN Power Transistors Silicon PNP Power Transistors MJE2955T Silicon PNP Power Transistors MJE2955T
|
Savantic, Inc.
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
2SA2040 2SC5707 C5707 2SA2040TP 2SA2040TP-FA 2SC57 |
PNP Epitaxial Planar Silicon Transistors High Current Switching Applications PNP / NPN Epitaxial Planar Silicon Transistors PNP/NPN Epitaxial Planar Silicon Transistors TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 8A I(C) | TO-251VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 8A I(C) | TO-252VAR Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
MJ15003 MJ15004 ON1980 |
From old datasheet system 20 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 250 WATTS POWER TRANSISTORS COMPLEMENTARY SILICON 20 A, 140 V, PNP, Si, POWER TRANSISTOR, TO-204AA
|
MOTOROLA INC MOTOROLA[Motorola, Inc] ON Semiconductor
|
BDP952 BDP954 BDP956 |
General Purpose Transistors - SOT223 package PNP Silicon AF Power Transistors
|
INFINEON[Infineon Technologies AG]
|
MJE2955T MJE2955TG MJE3055TG MJE3055T |
Bipolar Power TO220 PNP 10A 60V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB Complementary Silicon Plastic Power Transistors
|
ON Semiconductor
|
BF493 BF491 BF492 |
PNP SILICON PLANAR TRANSISTORS PNP SILICON HIGH VOLTAGE TRANSISTORS
|
MICRO-ELECTRONICS[Micro Electronics]
|
2SA959 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|
2SB532 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|